Part Number Hot Search : 
RAC324D TC4066 5F212 1KAB05E AD600A STV6434D LC66354V SNC11205
Product Description
Full Text Search
 

To Download MMBD4448HTM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a m j l d f b c h k t o p v i e w ds30302 rev. 2 - 2 1 of 2 MMBD4448HTM www.diodes.co m ? diodes incorporated mmbd4448h tm surface mo unt fast swi tching diode array features characteristic symbol value unit non-repetitive peak revers e voltage v rm 100 v peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 80 v rms reverse voltage v r (rms) 57 v forward continuous cur rent (note 1) i fm 500 ma average rectified output curr ent (note 1) i o 250 ma non-repetitive peak forward surge curr ent @ t = 1.0 m s @ t = 1.0s i fsm 4.0 2.0 a power dissipation (note 1) p d 225 mw thermal resistance j unction to ambient air (note 1) r q ja 555 c/w operating and storage temperature range t j , t stg -65 to +150 c maximum ratings @ t a = 25 c unless otherwise s pecified characteristic symbol min max unit test condition reverse break down voltage (note 2) v (br)r 80 ? v i r = 2.5 m a forward voltage (note 2) v f 0.62 ? ? ? 0.72 0.855 1.0 1.25 v i f = 5.0ma i f = 10ma i f = 100ma i f = 150ma reverse cur rent (note 2) i r ? 100 50 30 25 na m a m a na v r = 70v v r = 75v, t j = 150 c v r = 25v, t j = 150 c v r = 20v total capacitance c t ? 3.5 pf v r = 6, f = 1.0mhz reverse rec overy t ime t rr ? 4.0 ns v r = 6v, i f = 5ma electri cal character isti cs @ t a = 25 c unless otherwise s pecified case: sot-26, molded p lastic case ma terial - ul flammability rating classification 94v-0 moisture sensiti vity: level 1 per j-std-020a terminals: sol derable per mil-std-202, method 208 orientation: see diagram marking: kad (see p age 2) weight: 0. 016 grams (approx.) mechanical data fast switching s peed ultra-small s urface mount package for general purpose switching appl ications high conductance t c u d o r p w e n notes: 1. device mounted on f r-5 pcb 1.0 x 0.75 x 0.062 inch pad layout as shown on diodes inc. s uggested pad layout ap02001, which can be found on our website at http://www.diodes.com/datas heets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. sot-26 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ? ? 0.95 f ? ? 0.55 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 a 0 8 ? all dimensions in m m
ds30302 rev. 2 - 2 2 of 2 MMBD4448HTM www.diodes.co m t c u d o r p w e n 10 10 0 10 00 1 0. 1 0 1. 6 1. 2 0. 4 0. 8 i , i n s t a n t a n e o u s f o r w a r d c u r r e n t ( m a ) f v , i n s t a n t a n e o u s f o r w a r d v o l t a g e ( v ) f f ig . 1 t yp ic al f or w ar d c ha ra ct er is tic s t = 1 25 oc a t = -4 0o c a t = 7 5o c a t = 2 5o c a t = 0 oc a device packaging shipping MMBD4448HTM-7 sot-26 3000/tape & reel orderi ng inform ation (note 3) notes: 3. for pack aging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. month jan feb march apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d date code key kad = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september k a d y m marking i nformat ion year 2002 2003 2004 2005 2006 2007 2008 2009 code n p r s t u v w 0 .1 1 1 0 1 0 0 1 0 0 0 1 0 0 0 0 0 2 0 4 0 6 0 8 0 1 0 0 v , r e v e r s e v o l t a g e ( v ) r f ig . 2 t y p ic a l r e v e r s e c h a r a c te r is ti c s i , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( n a ) r t = - 4 0 oc a t = 2 5 oc a t = 7 5 oc a t = 1 2 5 oc a t = 0 oc a 0 0 .5 1 2 .5 2 1 .5 3 0 1 0 2 0 4 0 3 0 5 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f ig . 3 t y p ic a l c a p a c it a n c e v s . r e v e r s e v o lt a g e f = 1 m h z 0 5 0 1 0 0 1 5 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 p , p o w e r d i s s i p a t i o n ( m w ) d t , a m b ie n t t e m p e r a t u r e ( c ) a f ig . 4 p o w e r d e ra ti n g c u rv e 2 0 0 2 5 0 3 0 0


▲Up To Search▲   

 
Price & Availability of MMBD4448HTM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X